PART |
Description |
Maker |
IDT54FCT373TDB |
XPhase Control IC VR10 VR11 and Opteron/Athlon64 Control IC 8D型锁存器
|
Atmel, Corp.
|
L6713 |
3,4 Phase Controller For Intel Vr10,Vr11 And Amd 6Bit Cpus
|
ST Microelectronics, Inc.
|
L6714TR L6714 |
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
|
STMICROELECTRONICS[STMicroelectronics]
|
ISL6312A ISL6312ACRZ ISL6312AIRZ |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
|
Intersil Corporation
|
ISL6312 ISL6312CRZ ISL6312IRZ |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
|
Intersil Corporation
|
IR3500 IR3500MPBF IR3500MTRPBF |
Complete VR11.0 or AMD PVID power solution. XPHASE3TM VR11.0 & AMD PVID CONTROL IC
|
International Rectifier Corp.
|
IR3086 IR3086M IR3086MTR |
XPHASE Phase IC with OVP with fault overtemp detect. The IR3086 Phase IC combined with an IR XPhase TM Control IC provides a full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs. PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
|
International Rectifier
|
IR3082 IR3082MTR IR3082M |
XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
|
IRF[International Rectifier]
|
AM29F800BT-90WBC AM29F800BT-55WBI AM29F800BB-55WBE |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3087 with bag packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709Z with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7470 with Lead Free Packaging Complete VR11.0 or AMD PVID power solution.; A IR3505M packaged on tape and reel 3000 per reel 8 PWM 400 KHz Sync Contr in a 8-Pin SOIC(NB) package; A IRU3037ACS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRLZ44NS with Lead Free Packaging The XPHASE Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way to implement a complete an Opteron or Athlon 64 power solution.; A IR3082M with Tape and Reel Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRLL024Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2705 with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 Package; Similar to IRF2807ZL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3805S with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM XPHASE VRD10 Control IC with VccVid and Overtemp Detect; Similar to IR3080M with Lead Free Packaging on Tape and Reel x8/x16闪存EEPROM XPHASE IC with Fault and Overtemp Detect; Same as the IR3088AM with Tape and Reel Packaging. x8/x16闪存EEPROM 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Linear Technology, Corp. ATM Electronic, Corp. Integrated Device Technology, Inc. Advanced Micro Devices, Inc.
|
IR3086AMPBF IR3086AMTRPBF IR3086APBF |
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
|
International Rectifier
|
ISL6556ACB ISL6556ACB-T ISL6556ACBZ ISL6556ACBZ-T |
Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
|
INTERSIL[Intersil Corporation]
|